データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NAND512R3A データシート(PDF) 40 Page - STMicroelectronics

部品番号 NAND512R3A
部品情報  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A データシート(HTML) 40 Page - STMicroelectronics

Back Button NAND512R3A Datasheet HTML 36Page - STMicroelectronics NAND512R3A Datasheet HTML 37Page - STMicroelectronics NAND512R3A Datasheet HTML 38Page - STMicroelectronics NAND512R3A Datasheet HTML 39Page - STMicroelectronics NAND512R3A Datasheet HTML 40Page - STMicroelectronics NAND512R3A Datasheet HTML 41Page - STMicroelectronics NAND512R3A Datasheet HTML 42Page - STMicroelectronics NAND512R3A Datasheet HTML 43Page - STMicroelectronics NAND512R3A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
40/57
Figure 25. Data Input Latch AC Waveforms
Figure 26. Sequential Data Output after Read AC Waveforms
Note: 1. CL = Low, AL = Low, W = High.
tWHCLH
CL
E
AL
W
I/O
tALLWL
tWLWL
tWLWH
tWHEH
tWLWH
tWLWH
Data In 0
Data In 1
Data In
Last
tDVWH
tWHDX
tDVWH
tWHDX
tDVWH
tWHDX
ai08030
(Data Setup time)
(Data Hold time)
(ALSetup time)
(CL Hold time)
(E Hold time)
E
ai08031
R
I/O
RB
tRLRL
tRLQV
tRHRL
tRLQV
Data Out
Data Out
Data Out
tRHQZ
tBHRL
tRLQV
tRHQZ
tEHQZ
(Read Cycle time)
(R Accesstime)
(R High Holdtime)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57