| データシートサーチシステム |
|
WM8199 データシート(PDF) 21 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8199 データシート(HTML) 21 Page - Wolfson Microelectronics plc |
|
21 / 30 page ![]() WM8199 Production Data w PD Rev 3.2 November 2003 21 OPERATING MODE TIMING DIAGRAMS The following diagrams show 8-bit multiplexed output data and MCLK, VSMP and input video requirements for operation of the most commonly used modes as shown in Table 4. The diagrams are identical for both CDS and non-CDS operation. Outputs from RINP, GINP and BINP are shown as R, G and B respectively. X denotes invalid data. MCLK VSMP INPUT VIDEO OP[7:0] (DEL = 00) 16.5 MCLK PERIODS R A R B G A G B B A B B R A R B G A G B B A B B R A R B G A G B B A B B R A R B R A R B G A G B B A B B OP[7:0] (DEL = 01) B A B B R A R B G A G B B A B B R A R B G A G B B A B B R A R B G A G B B A B B B A B B R A R B G A G B OP[7:0] (DEL = 10) G A G B B A B B R A R B G A G B B A B B R A R B G A G B B A B B R A R B G A G B G A G B B A B B R A R B OP[7:0] (DEL = 11) R A R B G A G B B A B B R A R B G A G B B A B B R A R B G B G A B A B B R A R B R A R B G A G B B A B B B A B B G A G B B A B B R A R B R A R B G A G B G A G B B A B B Figure 20 Mode 1 Operation Figure 21 Mode 2 Operation |