| データシートサーチシステム |
|
WM8199CDS データシート(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8199CDS データシート(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 30 page ![]() WM8199 Production Data w PD Rev 3.2 November 2003 4 PIN DESCRIPTION PIN NAME TYPE DESCRIPTION 1 RINP Analogue input Red channel input video. 2 AGND2 Supply Analogue ground (0V). 3 DVDD1 Supply Digital supply (5V) for logic and clock generator. This must be operated at the same potential as AVDD. 4 OEB Digital input Output Hi-Z control, all digital outputs disabled when OEB = 1. 5 VSMP Digital input Video sample synchronisation pulse. 6 RLC/ACYC Digital input RLC (active high) selects reset level clamp on a pixel-by-pixel basis – tie high if used on every pixel. ACYC autocycles between R, G, B inputs. 7 MCLK Digital input Master clock. This clock is applied at N times the input pixel rate (N = 2, 3, 6, 8 or any multiple of 2 thereafter depending on input sample mode). 8 DGND Supply Digital ground (0V). 9 SEN Digital input Enables the serial interface when high. 10 DVDD2 Supply Digital supply (5V/3.3V), all digital I/O pins. 11 SDI Digital input Serial data input. 12 SCK Digital input Serial clock. Digital multiplexed output data bus. ADC output data (d15:d0) is available in two multiplexed formats as shown, under the control of register MUXOP [1:0] See ‘Output Formats’ description in Device Description section for further details. 8+8-bit 4+4+4+4-bit A B A B C D 13 OP[0] Digital output d8 d0 14 OP[1] Digital output d9 d1 15 OP[2] Digital output d10 d2 16 OP[3] Digital output d11 d3 17 OP[4] Digital output d12 d4 d12 d8 d4 d0 18 OP[5] Digital output d13 d5 d13 d9 d5 d1 19 OP[6] Digital output d14 d6 d14 d10 d6 d2 20 OP[7]/SDO Digital output d15 d7 d15 d11 d7 d3 Alternatively, pin OP[7]/SDO may be used to output register read-back data when OEB = 0 and SEN has been pulsed high. See Serial Interface description in Device Description section for further details. 21 AVDD Supply Analogue supply (5V). This must be operated at the same potential as DVDD1. 22 AGND1 Supply Analogue ground (0V). 23 VRB Analogue output Lower reference voltage. This pin must be connected to AGND via a decoupling capacitor. 24 VRT Analogue output Upper reference voltage. This pin must be connected to AGND via a decoupling capacitor. 25 VRX Analogue output Input return bias voltage. This pin must be connected to AGND via a decoupling capacitor. 26 VRLC/VBIAS Analogue I/O Selectable analogue output voltage for RLC or single-ended bias reference. This pin would typically be connected to AGND via a decoupling capacitor. VRLC can be externally driven if programmed Hi-Z. 27 BINP Analogue input Blue channel input video. 28 GINP Analogue input Green channel input video. |