| データシートサーチシステム |
|
LP3906 データシート(PDF) 31 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3906 データシート(HTML) 31 Page - National Semiconductor (TI) |
|
31 / 38 page ![]() LP3906 Control Registers (Continued) LDO1 CONTROL REGISTER (LDO1VCR) – 0X39 This register allows the user to program the output target voltage of LDO 1. D7-5 D4-0 Name — LDO1_OUT Access — R/W Data Reserved LDO1 Output voltage (V) 5’h00 1.0 5’h01 1.1 5’h02 1.2 5’h03 1.3 5’h04 1.4 5’h05 1.5 5’h06 1.6 5’h07 1.7 5’h08 1.8 5’h09 1.9 5’h0A 2.0 5’h0B 2.1 5’h0C 2.2 5’h0D 2.3 5’h0E 2.4 5’h0F 2.5 5’h10 2.6 5’h11 2.7 5’h12 2.8 5’h13 2.9 5’h14 3.0 5’h15 3.1 5’h16 3.2 5’h17 3.3 5’h18 3.4 5’h19 3.5 5’h1A–5’h1F 3.5 Reset 000 Factory Programmed Default LDO2 CONTROL REGISTER (LDO2VCR) – 0X3A This register allows the user to program the output target voltage of LDO 2. D7-5 D4-0 Name — LDO2_OUT Access — R/W Data Reserved LDO2 Output voltage (V) 5’h00 1.0 5’h01 1.1 5’h02 1.2 5’h03 1.3 5’h04 1.4 5’h05 1.5 5’h06 1.6 5’h07 1.7 5’h08 1.8 5’h09 1.9 5’h0A 2.0 5’h0B 2.1 5’h0C 2.2 5’h0D 2.3 5’h0E 2.4 5’h0F 2.5 5’h10 2.6 5’h11 2.7 5’h12 2.8 5’h13 2.9 5’h14 3.0 5’h15 3.1 5’h16 3.2 5’h17 3.3 5’h18 3.4 5’h19 3.5 5’h1A–5’h1F 3.5 Reset 000 Factory Programmed Default www.national.com 31 |