データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FST3400 データシート(PDF) 2 Page - ON Semiconductor

部品番号 74FST3400
部品情報  4-Bit, 4-Port Bus Exchange Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3400 データシート(HTML) 2 Page - ON Semiconductor

  74FST3400 Datasheet HTML 1Page - ON Semiconductor 74FST3400 Datasheet HTML 2Page - ON Semiconductor 74FST3400 Datasheet HTML 3Page - ON Semiconductor 74FST3400 Datasheet HTML 4Page - ON Semiconductor 74FST3400 Datasheet HTML 5Page - ON Semiconductor 74FST3400 Datasheet HTML 6Page - ON Semiconductor 74FST3400 Datasheet HTML 7Page - ON Semiconductor 74FST3400 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74FST3400
http://onsemi.com
2
Figure 2. Logic Diagram
BX0
BX2
BE
BX3
BX1
C1
D1
C2
D2
C3
D3
C0
A3
B3
A2
B2
A1
B1
A0
B0
D0
ORDERING INFORMATION
Device Order N mber
Package
Shipping†
Device Order Number
Package
Shipping†
74FST3400DW
SOIC−24
48 Units / Rail
74FST3400DWR2
SOIC−24
2500 Units / Tape & Reel
74FST3400DT
TSSOP−24*
(Pb−Free)
96 Units / Rail
74FST3400DTR2
TSSOP−24*
(Pb−Free)
2500 Units / Tape & Reel
74FST3400QS
QSOP−24
96 Units / Rail
74FST3400QSR
QSOP−24
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8