| データシートサーチシステム |
|
AM29F010B70FC データシート(PDF) 9 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29F010B70FC データシート(HTML) 9 Page - SPANSION |
|
9 / 35 page ![]() 8 Am29F010B November 18, 2002 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F010B 70 E C TEMPERATURE RANGE C = Commercial ( 0 °C to +70°C) I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE P = 32-Pin Plastic PDIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) F = 32-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR032) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F010B 1 Megabit (128 K x 8-Bit) CMOS Flash Memory 5.0 Volt-only Read, Program, and Erase Valid Combinations VCC Voltage Am29F010B-45 PC, PI, JC, JI, JE, EC, EI, EE, FC, FI, FE 5.0 V ± 5% Am29F010B-55 5.0 V ± 10% Am29F010B-70 Am29F010B-90 Am29F010B-120 PC, PI, PE JC, JI, JE, EC, EI, EE, FC, FI, FE |