データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL800DB100 データシート(PDF) 7 Page - Advanced Micro Devices

部品番号 AM29SL800DB100
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100 データシート(HTML) 7 Page - Advanced Micro Devices

Back Button AM29SL800DB100 Datasheet HTML 3Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 4Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DB100 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
ADV ANCE
I N FO RMAT I O N
6
Am29SL800D
March 17, 2003
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Packages
Special handling is required for Flash Memory products
in molded packages (TSOP and BGA). The package
and/or data integrity may be compromised if the
package body is exposed to temperatures about 150
°C
for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
NC
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
A18
NC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46