データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL800DB120 データシート(PDF) 33 Page - Advanced Micro Devices

部品番号 AM29SL800DB120
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB120 データシート(HTML) 33 Page - Advanced Micro Devices

Back Button AM29SL800DB120 Datasheet HTML 29Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 30Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 31Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 32Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 33Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 34Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 35Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 36Page - Advanced Micro Devices AM29SL800DB120 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
ADV ANCE
I N FO RMAT I O N
32
Am29SL800D
March 17, 2003
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 17.
Program Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46