データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1206MFX7RDBB103 データシート(PDF) 17 Page - YAGEO Corporation

部品番号 CS1206MFX7RDBB103
部品情報  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAGEO [YAGEO Corporation]
ホームページ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1206MFX7RDBB103 データシート(HTML) 17 Page - YAGEO Corporation

Back Button CS1206MFX7RDBB103 Datasheet HTML 11Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 12Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 13Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 14Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 15Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 16Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 17Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 18Page - YAGEO Corporation CS1206MFX7RDBB103 Datasheet HTML 19Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Rapid Change of
Temperature
4.11
Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ± 1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ± 2 hours
No visual damage
ΔC/C
Class 1:
NP0: within ± 1% or 1 pF, whichever is greater
Class II:
X7R: ± 15%
D.F. meet initial specified value
I.R. meet initial specified value
Damp Heat
with Ur Load
IEC 60384-
21/22
4.13
1. Preconditioning, class II only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2. Initial measure:
Spec: refer initial spec C, D, I.R.
3. Damp heat test:
500 ± 12 hours at 40 ± 2 °C;
90 to 95% R.H. 1.0 Ur applied
4. Recovery:
Class 2: 24 ± 2 hours
5. Final measure: C, D, I.R.
P.S. If the capacitance value is less than the
minimum value permitted, then after the other
measurements have been made the capacitor
shall be precondition according to “IEC 60384
4.1” and then the requirement shall be met.
No visual damage after recovery
ΔC/C
Class 1:
NP0: within ± 2% or 1 pF, whichever is greater
Class II:
X7R: ± 15%
D.F.
Class 1:
NP0: ≤ 2 x specified value
Class II:
X7R: ≤ 2 x specified value
I.R.
Class 1:
NP0: ≥ 2,500 MΩ or
R x C ≥ 25Ω.F whichever is less
Class II:
X7R: ≥ 500 MΩ or
R x C ≥ 25Ω.F whichever is less
X7R/0805/4.7µF/16V ;
X7R/1206/10µF/16V to 25V ;
X7R/1210/2.2µF to 10µF/16V to 50V,
X7R/1210/2.2µF/100V ;
ΔC/C
± 20%
D.F.
≤ 2 specified value
I.R.
R C ≥ 5 Ω.F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com