| データシートサーチシステム |
|
HPC46064 データシート(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC46064 データシート(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 36 page ![]() Development Support (Continued) FACTORY APPLICATIONS SUPPORT Dial-A-Helper also provides immediate factory applications support If a user is having difficulty in operating a development system he can leave messages on our electronic bulletin board which we will respond to Voice (408) 721-5582 Modem (408) 739-1162 Baud 300 or 1200 baud Set-Up Length 8-Bit Parity None Stop Bit 1 Operation 24 Hrs 7 Days DIAL-A-HELPER TLDD11372 35 Part Selection The HPC family includes devices with many different options and configurations to meet various application needs The number HPC46064 has been generically used throughout this datasheet to represent the whole family of parts The following chart explains how to order various options available when ordering HPC family members Note All options may not currently be available TLDD11372 36 FIGURE 8 HPC Family Part Numbering Scheme Examples HPC46004V20 ROMless Commercial temperature (0 Cto70 C) PLCC HPC16064XXXU20 16k masked ROM Military temperature (b55 Cto125 C) PGA HPC26004XXXV20 ROMless Automotive temperature (b40 Cto a105 C) PLCC 33 |