| データシートサーチシステム |
|
AT45DB161B-RU データシート(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB161B-RU データシート(HTML) 20 Page - ATMEL Corporation |
|
20 / 33 page ![]() 20 AT45DB161B 2224I–DFLSH–10/04 Detailed Bit-level Read Timing – Inactive Clock Polarity High Continuous Array Read (Opcode: 68H) Main Memory Page Read (Opcode: 52H) SI 0 1X X X CS SO SCK 12 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 BIT 0 OF PAGE n+1 BIT 4223 OF PAGE n LSB MSB tSU tV DATA OUT SI 0 1 0 10 XX X CS SO SCK 12345 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 68 |