データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B25LP-GC データシート(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 B25LP-GC
部品情報  General Specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B25LP-GC データシート(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  B25LP-GC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B25LP-GC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
A19
A
www.nkkswitches.com
Panel Seal • Single Pole
Threaded Bushing • Straight PC
Panel Seal • Double Pole
Threaded Bushing • Straight PC
B12A1P
B22A1P
STANDARD HARDWARE & PANEL CUTOUT
AT513M
Metric Hex Nut
Material:
Brass,
Nickel plated
AT063
Gasket
Material:
Nitrile butadiene
rubber
(1.3)
.051
(6.9)
.272
(4.9)
.193
(6.2)
.244
(8.6)
.339
Maximum Panel Thickness
with Standard Hardware:
.087” (2.2mm)
(6.0)
.236
(5.0)
.197
Slot
(6.8)
.268
(4.8)
.189
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(2.6) Dia
.102
26°
(8.0)
.315
(5.5)
.217
(0.8)
.031
(15.1)
.594
M6 P0.75
(1.0)
.039
1
2
3
CL
(8.8)
.346
(2.54) Typ
.100
4
5
6
CL
(8.8)
.346
1
2
3
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(2.6) Dia
.102
26°
(8.0)
.315
(5.5)
.217
(0.8)
.031
(15.1)
.594
M6 P0.75
Slot
(8.8)
.346
(4.8)
.189
(2.54) Typ
.100
3
1
2
(0.8) Dia Typ
.031
(1.0)
.039
CL
(0.8) Dia Typ
.031
6
4
52
3
1
(2.54) Typ
.100
(5.08)
.200
(8.0)
.315
M6 P0.75
(9.0)
.354
(1.5)
.059
TYPICAL SWITCH DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8