データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T620-600W データシート(PDF) 1 Page - STMicroelectronics

部品番号 T620-600W
部品情報  SNUBBERLESS TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T620-600W データシート(HTML) 1 Page - STMicroelectronics

  T620-600W Datasheet HTML 1Page - STMicroelectronics T620-600W Datasheet HTML 2Page - STMicroelectronics T620-600W Datasheet HTML 3Page - STMicroelectronics T620-600W Datasheet HTML 4Page - STMicroelectronics T620-600W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
T620-600W
T630-600W
®
September 2001 - Ed: 1A
SNUBBERLESS TRIAC
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360° conduction angle)
Tc= 100°C
6
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C )
tp = 16.7 ms
(1 cycle, 60 Hz)
66
A
tp=10ms
(1/2 cycle, 50 Hz)
75
I
2t
I
2t Value (half-cycle, 50 Hz)
tp=10ms
28
A
2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 500 mA
dIG /dt=1A/
µs.
Repetitive
F=50Hz
20
A/
µs
Non Repetitive
100
Tstg
Tj
Storage temperature range
Operating junction temperature range
-40to+150
-40to+125
°C
Tl
Maximum lead temperature for soldering during 10s at 4.5 mm
from case
260
°C
ABSOLUTE RATINGS (limiting values)
ISOWATT220AB
(Plastic)
s
ITRMS =6A
s
VDRM =VRRM = 600V
s
EXCELLENT SWITCHING PERFORMANCES
s
INSULATING VOLTAGE = 1500V(RMS)
s
U.L. RECOGNIZED : E81734
FEATURES
Symbol
Parameter
Value
Unit
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
600
V
The T620-600W and T630-600W triacs use high
performance glass passivated chip technology,
housed in a fully molded plastic ISOWATT220AB
package.
The SNUBBERLESS
TM concept offers suppres-
sion of R-C network, and is suitable for applica-
tions such as phase control and static switch on
inductive and resistive loads.
DESCRIPTION
A1
A2
G
A1
A2
G


同様の部品番号 - T620-600W

メーカー部品番号データシート部品情報
logo
STMicroelectronics
T620-600W STMICROELECTRONICS-T620-600W Datasheet
63Kb / 5P
6A SNUBBERLESTM TRIAC
Mar-2004
More results

同様の説明 - T620-600W

メーカー部品番号データシート部品情報
logo
STMicroelectronics
T1020W STMICROELECTRONICS-T1020W Datasheet
64Kb / 5P
SNUBBERLESS TRIAC
Nov-1996
T1220W STMICROELECTRONICS-T1220W Datasheet
316Kb / 5P
SNUBBERLESS TRIAC
April 1995
T1620W STMICROELECTRONICS-T1620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com