| データシートサーチシステム |
|
T48C862-R4 データシート(PDF) 81 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R4 データシート(HTML) 81 Page - ATMEL Corporation |
|
81 / 107 page ![]() 81 T48C862-R4 [Preliminary] 4551C–4BMCU–01/04 Combination Mode 5: Biphase Modulation 2 SSI mode 1: 8-bit shift register internal data output (SO) to the Timer 2 modulator stage Timer 2 mode 3: 8-bit compare counter and 4-bit prescaler Timer 2 output mode 4: The modulator 2 of Timer 2 modulates the SSI data output to Biphase code The 4-bit stage can be used as prescaler for the SSI to generate the stop signal for mod- ulator 2. The SSI has a special mode to supply the prescaler via the shift clock. The control output signal (OMSK) of the SSI is used as stop signal for the modulator. Figure 73 on page 78 shows an example for a 13-bit Biphase telegram. Figure 78. Biphase Modulation 2 0 000 0 0 0 0 1 2345 0 Counter 2/1 = Compare Register 2/1 (= 5) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SCLI Buffer full SIR SO SC MSM Timer 2 Mode 3 SCL Counter 2/1 OMSK T2O 01 2 |