データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T48C862-R4 データシート(PDF) 105 Page - ATMEL Corporation

部品番号 T48C862-R4
部品情報  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 データシート(HTML) 105 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 99Page - ATMEL Corporation T48C862-R4 Datasheet HTML 100Page - ATMEL Corporation T48C862-R4 Datasheet HTML 101Page - ATMEL Corporation T48C862-R4 Datasheet HTML 102Page - ATMEL Corporation T48C862-R4 Datasheet HTML 103Page - ATMEL Corporation T48C862-R4 Datasheet HTML 104Page - ATMEL Corporation T48C862-R4 Datasheet HTML 105Page - ATMEL Corporation T48C862-R4 Datasheet HTML 106Page - ATMEL Corporation T48C862-R4 Datasheet HTML 107Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 105 / 107 page
background image
105
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Serial Interface Control Register 2 (SIC2) .................................................... 76
Serial Interface Status and Control Register (SISC) .....................................77
Serial Transmit Buffer (STB) – Byte Write .................................................... 77
Serial Receive Buffer (SRB) – Byte Read ..................................................... 78
Combination Modes ........................................................................... 78
Combination Mode Timer 2 and SSI................................................................... 78
Combination Mode 1: Burst Modulation ........................................................ 79
Combination Mode 2: Biphase Modulation 1 ................................................ 79
Combination Mode 3: Manchester Modulation 1 .......................................... 80
Combination Mode 4: Manchester Modulation 2 .......................................... 80
Combination Mode 5: Biphase Modulation 2 ................................................ 81
Combination Mode Timer 3 and SSI................................................................... 82
Combination Mode 6: FSK Modulation .........................................................82
Combination Mode 7: Pulse-width Modulation (PWM) ................................. 83
Combination Mode 8: Manchester Demodulation/
Pulse-width Demodulation ...................................... 83
Combination Mode 9: Biphase Demodulation ............................................... 84
Combination Mode Timer 2 and Timer 3 ............................................................ 85
Combination Mode 10: Frequency Measurement or Event Counter with
Time Gate ............................................................. 85
Combination Mode 11: Burst Modulation 1 ................................................... 86
Combination Mode Timer 2, Timer 3 and SSI .................................................... 87
Combination Mode 12: Burst Modulation 2 ................................................... 88
Combination Mode 13: FSK Modulation ....................................................... 88
Data EEPROM.................................................................................................... 89
Serial Interface.................................................................................................... 90
Serial Protocol ...............................................................................................90
Control Byte Format ...................................................................................... 91
EEPROM ............................................................................................................ 91
EEPROM – Operating Modes ....................................................................... 91
Write Operations ........................................................................................... 91
Acknowledge Polling ..................................................................................... 91
Write One Data Byte ..................................................................................... 91
Write Two Data Bytes ................................................................................... 91
Write Control Byte Only ................................................................................ 91
Write Control Bytes ....................................................................................... 92
Read Operations ........................................................................................... 92
Read One Data Byte ..................................................................................... 92
Read Two Data Bytes ................................................................................... 92
Read n Data Bytes ........................................................................................ 92
Read Control Bytes ....................................................................................... 93
Initialization the Serial Interface to the EEPROM ............................................... 93
Absolute Maximum Ratings: Microcontroller Block ....................... 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More