データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3221 データシート(PDF) 20 Page - Microchip Technology

部品番号 MCP3221
部品情報  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 データシート(HTML) 20 Page - Microchip Technology

Back Button MCP3221 Datasheet HTML 16Page - Microchip Technology MCP3221 Datasheet HTML 17Page - Microchip Technology MCP3221 Datasheet HTML 18Page - Microchip Technology MCP3221 Datasheet HTML 19Page - Microchip Technology MCP3221 Datasheet HTML 20Page - Microchip Technology MCP3221 Datasheet HTML 21Page - Microchip Technology MCP3221 Datasheet HTML 22Page - Microchip Technology MCP3221 Datasheet HTML 23Page - Microchip Technology MCP3221 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MCP3221
DS21732B-page 20
 2003 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
2
1
3
5
4
5-Pin SOT-23A (EIAJ SC-74) Device
Legend: 1
Part Number code + temperature range
2
Part Number code + temperature range
3
Year and work week
4
Lot ID
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
Part Number
Address Option
SOT-23
MCP3221A0T-I/OT
000
EE
MCP3221A1T-I/OT
001
EH
MCP3221A2T-I/OT
010
EB
MCP3221A3T-I/OT
011
EC
MCP3221A4T-I/OT
100
ED
MCP3221A5T-I/OT
101
S1 *
MCP3221A6T-I/OT
110
EF
MCP3221A7T-I/OT
111
EG
MCP3221A0T-E/OT
000
GE
MCP3221A1T-E/OT
001
GH
MCP3221A2T-E/OT
010
GB
MCP3221A3T-E/OT
011
GC
MCP3221A4T-E/OT
100
GD
MCP3221A5T-E/OT
101
GA *
MCP3221A6T-E/OT
110
GF
MCP3221A7T-E/OT
111
GG
* Default option. Contact Microchip Factory for other
address options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26