| データシートサーチシステム |
|
B25LP-JC データシート(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
B25LP-JC データシート(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
2 / 8 page ![]() Series B Process Sealed Subminiature Antistatic Toggles A13 A www.nkkswitches.com Distinctive Characteristics Subminiature size saves space on PC boards. Specifically developed for logic-level applications. Antistatic superstructure, consisting of the carbon impregnated bushing and the support bracket, prevents static discharge to the contacts. Static electricity from an operator’s touch travels from actuator through the bushing and bracket to the PC board. Locking lever mechanism offered as a toggle option. Optional threaded, 6mm diameter bushing for panel seal mounting meets IP65 of IEC60529 specifications (similar to NEMA 4 and 13). Totally sealed body construction prevents contact contamination and allows time- and money-saving soldering and cleaning. Epoxy sealed terminals lock out flux and other contaminants. Award-winning STC contact mechanism with benefits unavailable in conventional mechanisms: smoother, positive detent actuation, increased contact stability and unparalleled logic-level reliability. (Additional STC details in Terms & Acronyms; see Supplement section.) .100” x .100” (2.54mm x 2.54mm) terminal spacing conforms to standard PC board grid spacing. Actual Size |