| データシートサーチシステム |
|
CS61575-IL1 データシート(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61575-IL1 データシート(HTML) 2 Page - Cirrus Logic |
|
2 / 44 page ![]() ABSOLUTE MAXIMUM RATINGS Parameter Symbol Min Max Units DC Supply (referenced to RGND, TGND=0V) RV+ TV+ - - 6.0 (RV+) + 0.3 V V Input Voltage, Any Pin (Note 1) Vin RGND-0.3 (RV+) + 0.3 V Input Current, Any Pin (Note 2) Iin -10 10 mA Ambient Operating Temperature TA -40 85 °C Storage Temperature Tstg -65 150 °C WARNING:Operations at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Notes: 1. Excluding RTIP, RRING, which must stay within -6V to (RV+) + 0.3V. 2. Transient currents of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND can withstand a continuous current of 100 mA. RECOMMENDED OPERATING CONDITIONS Parameter Symbol Min Typ Max Units DC Supply (Note 3) RV+, TV+ 4.75 5.0 5.25 V Ambient Operating Temperature TA -40 25 85 °C Power Consumption (Notes 4,5) PC -290 350 mW Power Consumption (Notes 4,6) PC -175 - mW Notes: 3. TV+ must not exceed RV+ by more than 0.3V. 4. Power consumption while driving line load over operating temperature range. Includes IC and load. Digital input levels are within 10% of the supply rails and digital outputs are driving a 50 pF capacitive load. 5. Assumes 100% ones density and maximum line length at 5.25V. 6. Assumes 50% ones density and 300ft. line length at 5.0V. DIGITAL CHARACTERISTICS (TA = -40 °C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V) Parameter Symbol Min Typ Max Units High-Level Input Voltage (Notes 7, 8) PINS 1-4, 17, 18, 23-28 VIH 2.0 - - V Low-Level Input Voltage (Notes 7, 8) PINS 1-4, 17, 18, 23-28 VIL -- 0.8 V High-Level Output Voltage (Notes 7, 8, 9) IOUT = -40 µA PINS 6-8, 11, 12, 25 VOH 4.0 - - V Low-Level Output Voltage (Notes 7, 8, 9) IOUT = 1.6 mA PINS 6-8, 11, 12, 23, 25 VOL -- 0.4 V Input Leakage Current (Except Pin 5) - - ±10 µA Low-Level Input Voltage, PIN 5 VIL -- 0.2 V High-Level Input Voltage, PIN 5 VIH (RV+) - 0.2 - - V Mid-Level Input Voltage, PIN 5 (Note 10) VIM 2.3 - 2.7 V Notes: 7. In Extended Hardware Mode, pins 17 and 18 are digital inputs. In Host Mode, pin 23 is an open drain output and pin 25 is a tristate output. 8. This specification guarantees TTL compatibility (VOH = 2.4V @ IOUT = -40 µA). 9. Output drivers will drive CMOS logic levels into a CMOS load. 10. As an alternative to supplying a 2.3-to-2.7V input, this pin may be left floating. CS61574A CS61575 2 DS154F2 |