データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM4F15A データシート(PDF) 6 Page - STMicroelectronics

部品番号 SMM4F15A
部品情報  Unidirectional type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F15A データシート(HTML) 6 Page - STMicroelectronics

Back Button SMM4F15A Datasheet HTML 2Page - STMicroelectronics SMM4F15A Datasheet HTML 3Page - STMicroelectronics SMM4F15A Datasheet HTML 4Page - STMicroelectronics SMM4F15A Datasheet HTML 5Page - STMicroelectronics SMM4F15A Datasheet HTML 6Page - STMicroelectronics SMM4F15A Datasheet HTML 7Page - STMicroelectronics SMM4F15A Datasheet HTML 8Page - STMicroelectronics SMM4F15A Datasheet HTML 9Page - STMicroelectronics SMM4F15A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Package information
SMM4FxxA
6/12
DocID14250 Rev 4
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Case: JEDEC DO216-AA Flat molded plastic over planar junction
Terminals: solder plated, solderable per MIL-STD-750, method 2026
Polarity: for unidirectional types the band indicates cathode.
Flammability: epoxy is rated UL94V-0
RoHS package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12