データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8034AT データシート(PDF) 36 Page - STMicroelectronics

部品番号 ST8034AT
部品情報  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034AT データシート(HTML) 36 Page - STMicroelectronics

Back Button ST8034AT Datasheet HTML 31Page - STMicroelectronics ST8034AT Datasheet HTML 32Page - STMicroelectronics ST8034AT Datasheet HTML 33Page - STMicroelectronics ST8034AT Datasheet HTML 34Page - STMicroelectronics ST8034AT Datasheet HTML 35Page - STMicroelectronics ST8034AT Datasheet HTML 36Page - STMicroelectronics ST8034AT Datasheet HTML 37Page - STMicroelectronics ST8034AT Datasheet HTML 38Page - STMicroelectronics ST8034AT Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
DocID024587 Rev 4
37/40
ST8034T, ST8034AT, ST8034P, ST8034C
Tape and reel information
8
Tape and reel information
Figure 23. Carrier tape for SO16 - 3.9 x 9.9 mm
1. Measured from centerline of sprocket hole to centerline of pocket.
2. Cumulative tolerance of 10 sprocket holes is ± 0.20.
3. Other material available.
4. All dimensions are in millimeters unless otherwise stated.
Table 17. Dimensions of carrier tape for SO16 - 3.9 x 9.9 mm
Ao
Bo
Ko
K1
F
P1
W
6.55 ± 0.1
10.38 ± 0.1
2.10 ± 0.1
1.80 ± 0.1
7.50 ± 0.1
8.00 ± 0.1
16.00 ± 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39