データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STG4160 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STG4160
部品情報  Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4160 データシート(HTML) 11 Page - STMicroelectronics

Back Button STG4160 Datasheet HTML 7Page - STMicroelectronics STG4160 Datasheet HTML 8Page - STMicroelectronics STG4160 Datasheet HTML 9Page - STMicroelectronics STG4160 Datasheet HTML 10Page - STMicroelectronics STG4160 Datasheet HTML 11Page - STMicroelectronics STG4160 Datasheet HTML 12Page - STMicroelectronics STG4160 Datasheet HTML 13Page - STMicroelectronics STG4160 Datasheet HTML 14Page - STMicroelectronics STG4160 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID15013 Rev 3
11/19
STG4160
Test circuits
Figure 8. OFF-isolation
Figure 9. Test circuit
1. CL = 5/35 pF or equivalent (includes jig capacitance).
2. RL = 50 or equivalent.
3. RT = ZOUT of pulse generator (typically 50 ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19