| データシートサーチシステム |
|
STMPE1600 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1600 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 27 page ![]() Interrupt status GPIO register (ISGPIOR) STMPE1600 16/27 Doc ID 16938 Rev 3 7 Interrupt status GPIO register (ISGPIOR) ISGPIOR Interrupt status GPIO mask register Address: 0x0A, 0x0B Type: RW Reset: 0 Description: Interrupt status GPIO register (ISGPIOR) The ISGPIOR register monitors the status of the interruption from a particular GPIO pin interrupt source to the host. Regardless of the IEGPIOR bits are enabled or not, the ISGPIOR bits are still updated. The ISG[15:0] bits are the interrupt status bits corresponding to the GPIO[15:0] pins. 15 14 13 12 11 10 9876543 2 1 0 ISG15 ISG14 ISG13 ISG12 ISG11 ISG10 ISG9 ISG8 ISG7 ISG6 ISG5 ISG4 ISG3 ISG2 ISG1 ISG0 RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW [15:0] ISG[x]: Interrupt status GPIO (where x = 15 to 0) Read: Interrupt Status of the GPIO[x]. Reading the register will clear any bits that has been set to ‘1’ Write: Writing to this register has no effects |