データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMUX1800E データシート(PDF) 23 Page - STMicroelectronics

部品番号 STMUX1800E
部品情報  16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1800E データシート(HTML) 23 Page - STMicroelectronics

Back Button STMUX1800E Datasheet HTML 18Page - STMicroelectronics STMUX1800E Datasheet HTML 19Page - STMicroelectronics STMUX1800E Datasheet HTML 20Page - STMicroelectronics STMUX1800E Datasheet HTML 21Page - STMicroelectronics STMUX1800E Datasheet HTML 22Page - STMicroelectronics STMUX1800E Datasheet HTML 23Page - STMicroelectronics STMUX1800E Datasheet HTML 24Page - STMicroelectronics STMUX1800E Datasheet HTML 25Page - STMicroelectronics STMUX1800E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STMUX1800E
Package mechanical data
Doc ID 16772 Rev 3
23/26
Figure 13.
Carrier tape information for QFN42 (3.5 x 9 x 0.75) - pitch 0.5 mm
1.
10 sprocket hole pitch cumulative tolerance ±0.20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26