データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STRVS185X02B データシート(PDF) 2 Page - STMicroelectronics

部品番号 STRVS185X02B
部品情報  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS185X02B データシート(HTML) 2 Page - STMicroelectronics

  STRVS185X02B Datasheet HTML 1Page - STMicroelectronics STRVS185X02B Datasheet HTML 2Page - STMicroelectronics STRVS185X02B Datasheet HTML 3Page - STMicroelectronics STRVS185X02B Datasheet HTML 4Page - STMicroelectronics STRVS185X02B Datasheet HTML 5Page - STMicroelectronics STRVS185X02B Datasheet HTML 6Page - STMicroelectronics STRVS185X02B Datasheet HTML 7Page - STMicroelectronics STRVS185X02B Datasheet HTML 8Page - STMicroelectronics STRVS185X02B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
STRVSX
2/14
DocID023950 Rev 4
1
Characteristics
Figure 1. Electrical characteristics - definitions
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature range (SMB and SMC)
-55 to 150
°C
Operating junction temperature range (DO-15 and DO-201)
-55 to 175
°C
Tstg
Storage temperature range (SMB and SMC)
-65 to 150
°C
Storage temperature range (DO-15 and DO-201)
-65 to 175
°C
TL
Maximum lead temperature for soldering during 10 s (SMB and SMC)
260
°C
Maximum lead temperature for soldering during 10 s at 5 mm from case
(DO-15 and DO-201)
260
°C
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
SMB
13
°C/W
SMC
12
DO-15
35
DO-201
23
Rth(j-a)
Junction to ambient
SMB(1)
185
SMC(1)
150
DO-15
105
DO-201
100
1.
On printed circuit with recommended pad layout
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
V
=
Clamping voltage at I
PP
=
Clamping voltage where R line
d
crosses current axis
I
=
Peak pulse current
BR
RM
RM
RM
CL
CL0
PP
V
I
VCL
V
V
BR
CL0
VRM
IF
VF
I
I
RM
R
IPP
Slope: V/I = Rd
I
=
Forward current
F
V
=
Forward voltage
F
R
αT
=
Dynamic resistance
=
Voltage temperature coefficient on V
BR
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14