データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1117S33C データシート(PDF) 34 Page - STMicroelectronics

部品番号 LD1117S33C
部品情報  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117S33C データシート(HTML) 34 Page - STMicroelectronics

Back Button LD1117S33C Datasheet HTML 30Page - STMicroelectronics LD1117S33C Datasheet HTML 31Page - STMicroelectronics LD1117S33C Datasheet HTML 32Page - STMicroelectronics LD1117S33C Datasheet HTML 33Page - STMicroelectronics LD1117S33C Datasheet HTML 34Page - STMicroelectronics LD1117S33C Datasheet HTML 35Page - STMicroelectronics LD1117S33C Datasheet HTML 36Page - STMicroelectronics LD1117S33C Datasheet HTML 37Page - STMicroelectronics LD1117S33C Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Package mechanical data
LD1117 series
34/38
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
8.1
8.5
0.319
0.335
Bo
5.5
5.9
0.216
0.232
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38