データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1117D33TR データシート(PDF) 32 Page - STMicroelectronics

部品番号 LD1117D33TR
部品情報  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117D33TR データシート(HTML) 32 Page - STMicroelectronics

Back Button LD1117D33TR Datasheet HTML 28Page - STMicroelectronics LD1117D33TR Datasheet HTML 29Page - STMicroelectronics LD1117D33TR Datasheet HTML 30Page - STMicroelectronics LD1117D33TR Datasheet HTML 31Page - STMicroelectronics LD1117D33TR Datasheet HTML 32Page - STMicroelectronics LD1117D33TR Datasheet HTML 33Page - STMicroelectronics LD1117D33TR Datasheet HTML 34Page - STMicroelectronics LD1117D33TR Datasheet HTML 35Page - STMicroelectronics LD1117D33TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Package mechanical data
LD1117 series
32/38
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38