データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1852A データシート(PDF) 3 Page - STMicroelectronics

部品番号 TS1852A
部品情報  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852A データシート(HTML) 3 Page - STMicroelectronics

  TS1852A Datasheet HTML 1Page - STMicroelectronics TS1852A Datasheet HTML 2Page - STMicroelectronics TS1852A Datasheet HTML 3Page - STMicroelectronics TS1852A Datasheet HTML 4Page - STMicroelectronics TS1852A Datasheet HTML 5Page - STMicroelectronics TS1852A Datasheet HTML 6Page - STMicroelectronics TS1852A Datasheet HTML 7Page - STMicroelectronics TS1852A Datasheet HTML 8Page - STMicroelectronics TS1852A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TS185x, TS185xA
Absolute maximum ratings and operating conditions
Doc ID 6991 Rev 4
3/24
1
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltages, are with respect to network terminal.
7V
Vid
Differential input voltage(2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If
Vid > ±1 V, the maximum input current must not exceed ±1 mA. When Vid > ±1 V, add an input series
resistor to limit the input current.
±1
V
Vi
Input voltage
VCC- -0.3 to VCC+ +0.3
V
Toper
Operating free-air temperature range
-40 to + 125
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
SOT23-5
miniSO-8
SO-8
SO-14
TSSOP8
TSSOP14
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers.
250
190
125
103
120
100
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
miniSO-8
SO-8
SO-14
TSSOP8
TSSOP14
81
39
40
31
37
32
°C/W
ESD
HBM: human body model(4)
4.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model(5)
5.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(6)
6.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1.5
kV
Lead temperature (soldering, 10sec)
250
°C
Output short-circuit duration
See note(7)
7.
Short-circuits from the output to VCC can cause excessive heating. The maximum output current is
approximately 48 mA, independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuits on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24