データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSV853 データシート(PDF) 3 Page - STMicroelectronics

部品番号 TSV853
部品情報  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV853 データシート(HTML) 3 Page - STMicroelectronics

  TSV853 Datasheet HTML 1Page - STMicroelectronics TSV853 Datasheet HTML 2Page - STMicroelectronics TSV853 Datasheet HTML 3Page - STMicroelectronics TSV853 Datasheet HTML 4Page - STMicroelectronics TSV853 Datasheet HTML 5Page - STMicroelectronics TSV853 Datasheet HTML 6Page - STMicroelectronics TSV853 Datasheet HTML 7Page - STMicroelectronics TSV853 Datasheet HTML 8Page - STMicroelectronics TSV853 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
DocID022468 Rev 4
3/31
TSV85x, TSV85xA
Package pin connections
31
1
Package pin connections
Figure 1. Pin connections for each package (top view)
1.
The exposed pads of the DFN8 2x2 and QFN16 3x3 can be connected to VCC- or left floating.
SC70-5/SOT23-5
SO8/MiniSO8
1
2
3
Out1
In1-
In1+
4
Vcc-
8
7
6
Vcc+
Out2
In2-
5In2+
1
2
3
5
4
In+
Vcc-
In-
Out
Vcc+
1
2
3
Out1
In1-
In1+
4
Vcc+
Out4
In4-
In4+
Vcc-
5
6
7
In2+
In2-
Out2
In3+
In3-
Out3
14
13
12
11
10
9
8
SO14/TSSOP14
In2+
V
CC-
1
2
3
7
4
10
9
8
In1+
In1-
Out2
+
_
Out1
In2-
+
_
5
6
SHDN2
SHDN1
V
CC+
In2+
V
CC-
1
2
3
7
4
10
9
8
In1+
In1-
Out2
+
_
Out1
In2-
+
_
5
6
SHDN2
SHDN2
SHDN1
SHDN1
V
CC+
MiniSO10
V
CC-
In+
In-
Out
1
2
3
6
4
+
_
1
2
3
6
4
+
_
5 SHDN
V
CC+
SOT23-6
V
CC+
V
CC-
1
2
3
13
4
16
15
14
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
10
12
11
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
8
9
SHDN1/2
SHDN1/2
SHDN3/4
SHDN3/4
TSSOP16
QFN16 3x3
DFN8 2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31