| データシートサーチシステム |
|
TSV853A データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV853A データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 31 page ![]() DocID022468 Rev 4 3/31 TSV85x, TSV85xA Package pin connections 31 1 Package pin connections Figure 1. Pin connections for each package (top view) 1. The exposed pads of the DFN8 2x2 and QFN16 3x3 can be connected to VCC- or left floating. SC70-5/SOT23-5 SO8/MiniSO8 1 2 3 Out1 In1- In1+ 4 Vcc- 8 7 6 Vcc+ Out2 In2- 5In2+ 1 2 3 5 4 In+ Vcc- In- Out Vcc+ 1 2 3 Out1 In1- In1+ 4 Vcc+ Out4 In4- In4+ Vcc- 5 6 7 In2+ In2- Out2 In3+ In3- Out3 14 13 12 11 10 9 8 SO14/TSSOP14 In2+ V CC- 1 2 3 7 4 10 9 8 In1+ In1- Out2 + _ Out1 In2- + _ 5 6 SHDN2 SHDN1 V CC+ In2+ V CC- 1 2 3 7 4 10 9 8 In1+ In1- Out2 + _ Out1 In2- + _ 5 6 SHDN2 SHDN2 SHDN1 SHDN1 V CC+ MiniSO10 V CC- In+ In- Out 1 2 3 6 4 + _ 1 2 3 6 4 + _ 5 SHDN V CC+ SOT23-6 V CC+ V CC- 1 2 3 13 4 16 15 14 In2+ In2- Out4 Out2 In4+ In4- 5 6 7 10 12 11 + _ + _ + _ Out3 In3+ In3- + _ Out1 In1+ In1- 8 9 SHDN1/2 SHDN1/2 SHDN3/4 SHDN3/4 TSSOP16 QFN16 3x3 DFN8 2x2 |