データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P2202ACMC データシート(PDF) 100 Page - Teccor Electronics

部品番号 P2202ACMC
部品情報  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TECCOR [Teccor Electronics]
ホームページ  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC データシート(HTML) 100 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 96Page - Teccor Electronics P2202ACMC Datasheet HTML 97Page - Teccor Electronics P2202ACMC Datasheet HTML 98Page - Teccor Electronics P2202ACMC Datasheet HTML 99Page - Teccor Electronics P2202ACMC Datasheet HTML 100Page - Teccor Electronics P2202ACMC Datasheet HTML 101Page - Teccor Electronics P2202ACMC Datasheet HTML 102Page - Teccor Electronics P2202ACMC Datasheet HTML 103Page - Teccor Electronics P2202ACMC Datasheet HTML 104Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 212 page
background image
High Speed Transmission Equipment
http://www.teccor.com
3 - 12
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Protection Circuitry
Longitudinal protection is required at the Central Office Terminal (COT) interface because of
the ground connection used with loop powering. (Figure 3.14) Two P1800SC MC SIDACtor
devices provide overvoltage protection and two F1250T TeleLink fuses (one on Tip, one on
Ring) provide overcurrent protection. For the U-interface side of the coupling transformer,
the illustration shows the P0080SA MC SIDACtor device used for additional overvoltage
protection.
Figure 3.14 Pair Gain COT Protection
For Customer Premises (CP) and Remote Terminal (RT) interfaces where an earth ground
connection is not used, only metallic protection is required. Figure 3.15 shows metallic
protection satisfied using a single P3100SC MC across Tip and Ring and a single F1250T
on either Tip or Ring to satisfy metallic protection.
Tip1
Ring1
P0080SA
Tip2
Ring2
Power
Source
U-Interface
Tip
Ring
P1800SC MC
P1800SC MC
F1250T
F1250T
Central Office Terminal (COT) Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More