| データシートサーチシステム |
|
PI6CV855L データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI6CV855L データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 9 page ![]() 2 PS8545 06/20/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI6CV855 PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory FunctionTable s t u p n Is t u p t u Oe t a t S L L P V A D D K L CK L C] 4 : 0 [ Y] 4 : 0 [ YT U O B FT U O B F D N GL H Z Z Z Z ff O / d e s s a p y B D N GH L Z Z Z Z ff O / d e s s a p y B ) m o n ( V 5 . 2L H L H L H n o ) m o n ( V 5 . 2H L H L H L n o ) m o n ( V 5 . 2z H M 0 2 <Z Z Z Z ff o Notes: For testing and power saving purposes, PI6CV855 will power down if the frequency of the reference inputs CLK, CLK is well below the operating frequency range. The maximum power down clock frequency is below 20 MHz. For example, PI6CV855 will be powered down when the CLK,CLK stop running. Z = High impedance X = Dont care n i P e m a N . o N n i P O / I e p y T n o it p i r c s e D K L C K L C 5 6 It u p n i k c o l C e c n e r e f e R ] 4 : 0 [ Y7 2 , 7 1 , 3 1 , 1 1 , 3 O .s t u p t u o k c o l C ] 4 : 0 [ Y8 2 , 6 1 , 4 1 , 0 1 , 2.s t u p t u o k c o l C t n e m el p m o C T U O B F T U O B F 3 2 4 2 t u p t u O k c a b d e e F t n e m el p m o C d n a ,t u p t u o k c a b d e e F N I B F N I B F 1 2 0 2 It u p n i k c a b d e e F t n e m el p m o C d n a ,t u p n i k c a b d e e F V Q D D 6 2 , 2 2 , 8 1 , 2 1 , 4 r e w o P .s n i p O /I r o f y l p p u S r e w o P V A D D 7 V A .y l p p u s r e w o p e r o c / g o l a n A D D n e h W .s e s o p r u p g n it s e t r o f L L P e h t s s a p y b o t d e s u e b n a c V A D D .s t u p t u o e ci v e d e h t o t y lt c e ri d d e r e ff u b si K L C & d e s s a p y b si L L P , d n u o r g o t d e p p a rt s si D N G A8 d n u o r G y rt i u c ri c e r o c / g o l a n a e h t r o f e c n e r e f e r d n u o r g e h t s e d i v o r P . d n u o r g e r o c / g o l a n A D N G5 2 , 9 1 , 5 1 , 9 , 1.s n i p O /I r o f d n u o r G PinoutTable |