データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S2KF データシート(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

部品番号 S2KF
部品情報  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
ホームページ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

S2KF データシート(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  S2KF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. S2KF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. S2KF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.5
0.6
0.8
0.9
1.0
1.1
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
0.7
2.0
1.0
1.5
Fig.2 Typical Instaneous Reverse
Characteristics
200
400
600
800
0
0.01
0.1
1.0
10
Instaneous Reverse Voltage (V)
100
T =25
J
°C
T =50
J
°C
T =75
J
°C
T =100
J
°C
T =125
J
°C
T =150
J
°C
25
50
75
100
125
150
175
Ambient Temperature (
°C)
Single phase half-wave 60 Hz
resistive or inductive load
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
0.0
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°C
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
S2AF THRU S2MF
Surface Mount Standard Rectifiers
http://www.trr-jx.com



Html Pages

1 2 3