データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SW60N06V1 データシート(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

部品番号 SW60N06V1
部品情報  N-channel Enhancement mode TO-251MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
ホームページ  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW60N06V1 データシート(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW60N06V1 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V1 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V1 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V1 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V1 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V1 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
N-channel Enhancement mode TO-251 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
60
V
ID
Continuous Drain Current (@TC=25oC)
60*
A
Continuous Drain Current (@TC=100oC)
37.8*
A
IDM
Drain current pulsed
(note 1)
240
A
VGS
Gate to Source Voltage
±20
V
EAS
Single pulsed Avalanche Energy
(note 2)
228
mJ
EAR
Repetitive Avalanche Energy
(note 1)
25
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
119
W
Derating Factor above 25oC
0.95
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
1.05
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
oC/W
Rthja
Thermal resistance, Junction to ambient
84
oC/W
BV
DSS : 60V
I
D
: 60A
R
DS(ON) :11m
Ω@V
GS=10V
14.4m
Ω@V
GS=4.5V
1
2
3
SW60N06V1
1 2
3
1. Gate 2. Drain 3. Source
TO-251
Item
Sales Type
Marking
Package
Packaging
1
SW I 60N06V1
SW60N06V1
TO-251
TUBE
Order Codes
*. Drain current is limited by junction temperature.
Features
 High ruggedness
 R
DS(ON) (Typ 11mΩ)@VGS=10V
 R
DS(ON) (Typ 14.4mΩ)@VGS=4.5V
 Gate Charge (Typ 72nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: DC-CD,Motor Control,
Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


同様の部品番号 - SW60N06V1

メーカー部品番号データシート部品情報
logo
Xian Semipower Electron...
SW60N06V2 SEMIPOWER-SW60N06V2 Datasheet
847Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
More results

同様の説明 - SW60N06V1

メーカー部品番号データシート部品情報
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Xian Semipower Electron...
SW13N50D SEMIPOWER-SW13N50D Datasheet
653Kb / 6P
N-channel Enhancement mode TO-220F MOSFET
SW1N90U SEMIPOWER-SW1N90U Datasheet
689Kb / 6P
N-channel Enhancement mode TO-251 MOSFET
SW4N60DC SEMIPOWER-SW4N60DC Datasheet
638Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
SW30N06U SEMIPOWER-SW30N06U Datasheet
719Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com