データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TYPE データシート(PDF) 2 Page - Rohm

部品番号 TYPE
部品情報  Zener diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

TYPE データシート(HTML) 2 Page - Rohm

  TYPE Datasheet HTML 1Page - Rohm TYPE Datasheet HTML 2Page - Rohm TYPE Datasheet HTML 3Page - Rohm TYPE Datasheet HTML 4Page - Rohm TYPE Datasheet HTML 5Page - Rohm TYPE Datasheet HTML 6Page - Rohm TYPE Datasheet HTML 7Page - Rohm TYPE Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VDZ12B
Diodes
Rev.B
2/4
Electrical characteristics (Ta=25 C)
MIN.
MAX.
Iz(mA)
MAX. Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
VDZ 3.6B
3.600
3.845
5.0
100
5.0
1000
1.0
10.0
1.0
DZ 3.9B
3.890
4.160
5.0
100
5.0
1000
1.0
5.0
1.0
.3B
4.170
4.430
5.0
100
5.0
1000
1.0
5.0
1.0
.7B
4.550
4.750
5.0
100
5.0
800
0.5
2.0
1.0
.1B
4.980
5.200
5.0
80
5.0
500
0.5
2.0
1.5
.6B
5.490
5.730
5.0
60
5.0
200
0.5
1.0
2.5
.2B
6.060
6.330
5.0
60
5.0
100
0.5
1.0
3.0
.8B
6.650
6.930
5.0
40
5.0
60
0.5
0.5
3.5
.5B
7.280
7.600
5.0
30
5.0
60
0.5
0.5
4.0
.2B
8.020
8.360
5.0
30
5.0
60
0.5
0.5
5.0
.1B
8.850
9.230
5.0
30
5.0
60
0.5
0.5
6.0
0B
9.770
10.210
5.0
30
5.0
60
0.5
0.1
7.0
1B
10.760
11.220
5.0
30
5.0
60
0.5
0.1
8.0
2B
11.740
12.240
5.0
30
5.0
80
0.5
0.1
9.0
3B
12.910
13.490
5.0
37
5.0
80
0.5
0.1
10.0
5B
14.340
14.980
5.0
42
5.0
80
0.5
0.1
11.0
6B
15.850
16.510
5.0
50
5.0
80
0.5
0.1
12.0
8B
17.560
18.350
2.0
65
2.0
80
0.5
0.1
13.0
0B
19.520
20.390
2.0
85
2.0
100
0.5
0.1
15.0
2B
21.540
22.470
2.0
2.0
100
0.5
0.1
17.0
4B
23.720
24.780
2.0
2.0
120
0.5
0.1
19.0
7B
26.190
27.530
2.0
2.0
150
0.5
0.1
21.0
0B
29.190
30.690
2.0
2.0
200
0.5
0.1
23.0
3B
32.150
33.790
2.0
2.0
250
0.5
0.1
25.0
DZ 36B
35.070
36.870
2.0
2.0
300
0.5
0.1
27.0
)The zener voltage(Vz) is measured 40ms after power is supplied.
)The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
the regulated current(Iz)
TYP.
Zener voltage Vz(V)
Operating
resistance
Zz(
Rising operating
resistance Zz(
Symbol
Reverse current
IR(uA
V
VDZ 4
VDZ 4
VDZ 5
VDZ 5
VDZ 6
VDZ 6
VDZ 7
VDZ 8
VDZ 9
VDZ 1
VDZ 1
VDZ 1
VDZ 1
VDZ 1
VDZ 1
VDZ 1
VDZ 2
VDZ 2
VDZ 2
VDZ 2
VDZ 3
VDZ 3
V
(
(
on
Type No.
TYPE
TYPE NO.
TYPE
VDZ
3.6B
62
VDZ
12B
25
VDZ
3.9B
72
VDZ
13B
35
VDZ
4.3B
82
VDZ
15B
45
VDZ
4.7B
92
VDZ
16B
55
VDZ
5.1B
A2
VDZ
18B
65
VDZ
5.6B
C2
VDZ
20B
75
VDZ
6.2B
E2
VDZ
22B
85
VDZ
6.8B
F2
VDZ
24B
95
VDZ
7.5B
H2
VDZ
27B
A5
VDZ
8.2B
J2
VDZ
30B
C5
VDZ
9.1B
L2
VDZ
33B
E5
VDZ
10B
05
VDZ
36B
F5
VDZ
11B
15



Html Pages

1 2 3 4 5 6 7 8