| データシートサーチシステム |
|
P6002ACMC データシート(PDF) 39 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P6002ACMC データシート(HTML) 39 Page - Teccor Electronics |
|
39 / 212 page ![]() Balanced Three-chip SIDACtor Device © 2002 Teccor Electronics 2 - 21 http://www.teccor.com SIDACtor® Data Book and Design Guide +1 972-580-7777 Thermal Considerations Package Symbol Parameter Value Unit Modified MS-013 TJ Operating Junction Temperature Range -40 to +125 °C TS Storage Temperature Range -65 to +150 °C RqJA Thermal Resistance: Junction to Ambient 60 °C/W 1 2 3 6 5 4 IH IT IS IDRM VDRM VT +V -V +I -I VS IH IT IS IDRM VDRM VT +V -V +I -I VS V-I Characteristics 50 100 0 tr td 0 Peak Value Half Value t – Time (µs) tr = rise time to peak value td = decay time to half value Waveform = tr x td tr x td Pulse Wave-form -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 Junction Temperature (T J) – ˚C 25 ˚C Normalized VS Change versus Junction Temperature 0.4 -40 -20 0 20 40 60 80 100 120 140 160 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 Case Temperature (T C) – ˚C 25 ˚C Normalized DC Holding Current versus Case Temperature |