| データシートサーチシステム |
|
HT45F56 データシート(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F56 データシート(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 90 page ![]() Rev. 1.11 6 April 11, 2017 Rev. 1.11 7 April 11, 2017 HT45F56 Shock Detector Flash MCU HT45F56 Shock Detector Flash MCU General Description ThedeviceisaFlashMemorytype8-bithighperformanceRISCarchitecturemicrocontrollerwith fullyintegratedShockSensorwhichisdesignedforvariousproductapplications.Offeringusersthe convenienceofFlashmemorymulti-programmingfeatures,thedvicealsoincludesawiderangeof functionsamdfeatures.Inadditiontotheflashprogrammemory,othermemoryincludesareasof RAMDatamemoryandtrueEEPROMDatamemory. Analogfeaturesincludea6-bitDAC,acomparatorandanOperationalAmplifier.Multipleand extremelyflexibleTimerModulesprovidetiming,pulsegenerationandPWMgenerationfunctions. TheinclusionofflexibleI/Oprogrammingfeatures,TimeBasefunctionstogetherwithmanyother featuresfurtherenhancedevicefunctionality.ProtectivefeaturessuchasaninternalWatchdogTimer andLowVoltageResetcoupledwithexcellentnoiseimmunityandESDprotectionensurethat reliableoperationismaintainedinhostileelectricalenvironments. AfullchoiceofHIRCandLIRCoscillatorfunctionsareprovidedincludingafullyintegratedsystem oscillator.Theabilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusing differentclocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimise powerconsumption. Block Diagram 8-bit RISC MCU Core I/O Timer Modules Flash Program Memory EEPROM Data Memory Flash/EEPROM Programming Circuitry Time Base Low Voltage Reset Watchdog Timer Interrupt Controller Reset Circuit RAM Data Memory H.W. Debounce Internal HIRC Oscillator Operational Amplifier Internal LIRC Oscillator Comparator 6-bit D/A Converter Pin Assignment PA2/CTCK/ICPCK VDD PA1/AD1 1 2 3 4 8 7 6 5 PA6/AD2 PA5/SEN PA0/CTP/ICPDA VSS PA7/RES HT45F56 8 SOP-A 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 PA2/CTCK/ICPCK VDD PA1/AD1 PA6/AD2 PA5/SEN PA0/CTP/ICPDA VSS NC NC NC OCDSCK NC NC NC OCDSDA PA7/RES HT45V56 16 NSOP-A Note:TheOCDSDAandOCDSCKpinsaretheOCDSdedicatedpinsandonlyavailablefortheHT45V56device whichistheOCDSEVchipfortheHT45F56device. |