| データシートサーチシステム |
|
HT45F65 データシート(PDF) 90 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F65 データシート(HTML) 90 Page - Holtek Semiconductor Inc |
|
90 / 231 page ![]() Rev. 1.60 90 �ove��e� ��� �01� Rev. 1.60 91 �ove��e� ��� �01� HT45F65/HT45F66/HT45F67 Glucose Meter 8-Bit Flash MCU I/O Pin Structures TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared structuresdoesnotpermitalltypestobeshown. V DD M U X Wa ke - up Se le ct S yst em W ak e- up Re ad D at a Re gi st er D Q CK S D Q CK S C ont ro l Bi t Da ta B us Wr it e C ont ro l R egi st er Ch ip R es et Re ad C on tr ol R egi st er Wr it e Da ta R egi st er Da ta B it I/ O pi n Q Q PA o nl y We ak Pu ll- up Pu ll -H ig h R egi st er Se le ct Generic Input/Output Structure Programming Considerations Withintheuserprogram,oneofthefirstthingstoconsiderisportinitialisation.Afterareset,allof theI/Odataandportcontrolregisterswillbesethigh.ThismeansthatallI/Opinswilldefaultto aninputstate,thelevelofwhichdependsontheotherconnectedcircuitryandwhetherpull-high selectionshavebeenchosen.Iftheportcontrolregisters,PAC~PHC,arethenprogrammedtosetup somepinsasoutputs,theseoutputpinswillhaveaninitialhighoutputvalueunlesstheassociated portdataregisters,PA~PH,arefirstprogrammed.Selectingwhichpinsareinputsandwhichare outputscanbeachievedbyte-widebyloadingthecorrectvaluesintotheappropriateportcontrol registerorbyprogrammingindividualbitsintheportcontrolregisterusingthe"SET[m].i"and "CLR[m].i"instructions.Notethatwhenusingthesebitcontrolinstructions,aread-modify-write operationtakesplace.Themicrocontrollermustfirstreadinthedataontheentireport,modifyitto therequirednewbitvaluesandthenrewritethisdatabacktotheoutputports. PortAhastheadditionalcapabilityofprovidingwake-upfunctions.Whenthedeviceisinthe SLEEPorIDLEMode,variousmethodsareavailabletowakethedeviceup.Oneoftheseisahigh tolowtransitionofanyofthePortApins.SingleormultiplepinsonPortAcanbesetuptohavethis function. |