| データシートサーチシステム |
|
HT45F0084 データシート(PDF) 41 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F0084 データシート(HTML) 41 Page - Holtek Semiconductor Inc |
|
41 / 160 page ![]() Rev. 1.00 40 �a��� 1�� �01� Rev. 1.00 41 �a��� 1�� �01� HT45F0084 Cord-free Vacuum Cleaner ASSP Flash MCU NORMAL Mode to SLOW Mode Switching WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettingthe HLCLKbitto“0”andsettingtheCKS2~CKS0bitsto“000”or“001”intheSMODregister.This willthenusethelowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecideto dothisforcertainoperationswhichdonotrequirehighperformanceandcansubsequentlyreduce powerconsumption. TheSLOWModeissourcedfromtheLIRCoscillatorandthereforerequiresthisoscillatortobe stablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitintheSMODregister. SL OW M ode SL E EP M ode ID LE 0 M ode ID LE 1 M ode NO RM AL M od e CK S2 ~ C KS0 = 00x B & HL CL K = 0 ID LE N = 0 HA LT i ns t ru ct i on is e xe cu t ed ID LE N = 1, F SYS ON =0 HA LT i ns t ru ct io n is e xe cu t ed ID LE N = 1, F SYSO N= 1 HA LT i ns t ru ct i on is e xe cu t ed |