| データシートサーチシステム |
|
HT68F006 データシート(PDF) 15 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F006 データシート(HTML) 15 Page - Holtek Semiconductor Inc |
|
15 / 93 page ![]() Rev. 1.00 14 ��to�e� ��� �01� Rev. 1.00 15 ��to�e� ��� �01� HT68F005/HT68F006 Enhanced I/O Flash Type MCU HT68F005/HT68F006 Enhanced I/O Flash Type MCU Stack ThisisaspecialpartofthememorywhichisusedtosavethecontentsoftheProgramCounteronly. Thestackhastwolevelsdependinguponthedevicesandisneitherpartofthedatanorpartofthe programspace,andisneitherreadablenorwriteable.TheactivatedlevelisindexedbytheStack Pointer,andisneitherreadablenorwriteable.Atasubroutinecallorinterruptacknowledgesignal,the contentsoftheProgramCounterarepushedontothestack.Attheendofasubroutineoraninterrupt routine,signaledbyareturninstruction,RETorRETI,theProgramCounterisrestoredtoitsprevious valuefromthestack.Afteradevicereset,theStackPointerwillpointtothetopofthestack. Ifthestackisfullandanenabledinterrupttakesplace,theinterruptrequestflagwillberecordedbut theacknowledgesignalwillbeinhibited.WhentheStackPointerisdecremented,byRETorRETI, theinterruptwillbeserviced.Thisfeaturepreventsstackoverflowallowingtheprogrammertouse thestructuremoreeasily.However,whenthestackisfull,aCALLsubroutineinstructioncanstill beexecutedwhichwillresultinastackoverflow.Precautionsshouldbetakentoavoidsuchcases whichmightcauseunpredictableprogrambranching. Ifthestackisoverflow,thefirstProgramCountersaveinthestackwillbelost. Pr og ra m Co un te r St ac k Le ve l 1 St ac k Le ve l 2 Pr og ra m Me mo ry T op of S ta ck St ac k Po in te r Bo tt om o f St ac k Device Stack Levels HT68F005 � HT68F006 � Arithmetic and Logic Unit – ALU Thearithmetic-logicunitorALUisacriticalareaofthemicrocontrollerthatcarriesoutarithmetic andlogicoperationsoftheinstructionset.Connectedtothemainmicrocontrollerdatabus,theALU receivesrelatedinstructioncodesandperformstherequiredarithmeticorlogicaloperationsafter whichtheresultwillbeplacedinthespecifiedregister.AstheseALUcalculationoroperationsmay resultincarry,borroworotherstatuschanges,thestatusregisterwillbecorrespondinglyupdatedto reflectthesechanges.TheALUsupportsthefollowingfunctions: • Arithmeticoperations:ADD,ADDM,ADC,ADCM,SUB,SUBM,SBC,SBCM,DAA • Logicoperations:AND,OR,XOR,ANDM,ORM,XORM,CPL,CPLA • RotationRRA,RR,RRCA,RRC,RLA,RL,RLCA,RLC • IncrementandDecrementINCA,INC,DECA,DEC • Branchdecision,JMP,SZ,SZA,SNZ,SIZ,SDZ,SIZA,SDZA,CALL,RET,RETI |