| データシートサーチシステム |
|
HT7722 データシート(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7722 データシート(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 16 page ![]() HT77xx Rev 2.00 17 June 25, 2016 Copyright Ó 2016 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publica- tion. However, Holtek assumes no responsibility arising from the use of the specifications de- scribed. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without fur- ther modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holtek ¢s products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw. |