| データシートサーチシステム |
|
ST6389B1 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6389B1 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 82 page ![]() October 2003 1/82 ST6380,ST6381,ST6382, ST6383,ST6388,ST6389 8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING s 4.5 to 6V supply operating range s 8MHz Maximum Clock Frequency s User Program ROM: up to 20140 bytes s Reserved Test ROM: up to 340 bytes s Data ROM: user selectable size s Data RAM: 256 bytes s Data EEPROM: 384 bytes s 42-Pin Shrink Dual in Line Plastic Package s Up to 22 software programmable general purpose Inputs/Outputs, including 2 direct LED driving Outputs s Two Timers each including an 8-bit counter with a 7-bit programmable prescaler s Digital Watchdog Function s Serial Peripheral Interface (SPI) supporting S- BUS/ I 2 C BUS and standard serial protocols s SPI for external frequency synthesis tuning s 14-bit counter for voltage synthesis tuning s Up to Six 6-Bit PWM D/A Converters s One 8 bits D/A Converter with 7 analog inputs s Five interrupt vectors (IRIN/NMI, Timer 1 & 2, VSYNC, PWR /ADC) s On-chip clock oscillator s 8 Lines by 20 Characters On-Screen Display Generator with 192 Characters in one bank. 14X18 OSD characters with rounding function. s All ROM types are supported by pin-to-pin EPROM and OTP versions with programmable OSD fonts. s The development tool of the ST6380, 81, 82, 83, 88 and ST6389 microcontrollers consists of the ST638X-EMU2 emulation and development system to be connected via a standard parallel line to an MS-DOS Personal Computer. DEVICE SUMMARY DEVICE ROM (Bytes) D/A Converter ST6380 8K 6 ST6381 8K 4 ST6382 16K 6 ST6383 16K 4 ST6388 20K 6 ST6389 20K 4 PSDIP42 (Refer to end of Document for Ordering Information) 1 |
同様の部品番号 - ST6389B1 |
|
同様の説明 - ST6389B1 |