データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6389B4 データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST6389B4
部品情報  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389B4 データシート(HTML) 6 Page - STMicroelectronics

Back Button ST6389B4 Datasheet HTML 2Page - STMicroelectronics ST6389B4 Datasheet HTML 3Page - STMicroelectronics ST6389B4 Datasheet HTML 4Page - STMicroelectronics ST6389B4 Datasheet HTML 5Page - STMicroelectronics ST6389B4 Datasheet HTML 6Page - STMicroelectronics ST6389B4 Datasheet HTML 7Page - STMicroelectronics ST6389B4 Datasheet HTML 8Page - STMicroelectronics ST6389B4 Datasheet HTML 9Page - STMicroelectronics ST6389B4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
Figure 1. Block Diagram
TEST
IRIN/PC6
INTERRUPT
UP TO 20KBytes
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
256 Bytes
PORT A
PORT C
8 BIT CORE
TEST
TIMER 1
PA0 - PA7*
VDD VSS
OSCin OSCout
RESET
USER PROGRAM
MEMORY
TIMER 2
Inputs
DATA EEPROM
384 Bytes
PC2, PC4 - PC7*
D/A Outputs
VS*
R, G, B, BLANK
VS Output
On-Screen
Digital
Watchdog
DA0 - DA5*
*Refer to Pin Description for Additional Information
Serial Peripheral
PC0/SCL
PC1/SDA
PC3/SEN
Timer
Display
Interface
HSYNC, VSYNC
VR01753
OSDOSCout
OSDOSCin
PB0 - PB6*
PORT B &
A/D inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82