データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZVG45WT-9 データシート(PDF) 3 Page - SunLED Corporation

部品番号 XZVG45WT-9
部品情報  Long life and robust package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNLED [SunLED Corporation]
ホームページ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZVG45WT-9 データシート(HTML) 3 Page - SunLED Corporation

  XZVG45WT-9 Datasheet HTML 1Page - SunLED Corporation XZVG45WT-9 Datasheet HTML 2Page - SunLED Corporation XZVG45WT-9 Datasheet HTML 3Page - SunLED Corporation XZVG45WT-9 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mar 30,2016
XDSB8611 V1-Z Layout: Maggie L.
P. 3/4
Part Number: XZVG45WT-9
3.2x2.8mm PLCC2 SMD LED
The device has a single mounting surface.
The device must be mounted according to
the specifications.
Reel Dimension
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4