| データシートサーチシステム |
|
TSX712 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSX712 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 31 page ![]() Absolute maximum ratings and operating conditions TSX711, TSX711A, TSX712 4/31 DocID025959 Rev 5 2 Absolute maximum ratings and operating conditions Table 1: Absolute maximum ratings (AMR) Symbol Parameter Value Unit VCC Supply voltage (1) 18 V Vid Differential input voltage (2) ±VCC mV Vin Input voltage (VCC-) - 0.2 to (VCC+) + 0.2 V Iin Input current (3) 10 mA Tstg Storage temperature -65 to 150 °C Rthja Thermal resistance junction to ambient (4) (5) SOT23-5 250 °C/W MiniSO8 190 SO8 125 Tj Maximum junction temperature 150 °C ESD HBM: human body model (6) 4000 V MM: machine model (7) 100 CDM: charged device model (8) 1500 Latch-up immunity 200 mA Notes: (1)All voltage values, except the differential voltage are with respect to the network ground terminal. (2)Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. See Section 5.7 for the precautions to follow when using the TSX711, TSX711A, and TSX712 with a high differential input voltage. (3)Input current must be limited by a resistor in series with the inputs. (4)Rth are typical values. (5)Short-circuits can cause excessive heating and destructive dissipation. (6)According to JEDEC standard JESD22-A114F. (7)According to JEDEC standard JESD22-A115A. (8)According to ANSI/ESD STM5.3.1 Table 2: Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.7 to 16 V Vicm Common mode input voltage range (VCC-) - 0.1 to (VCC+) + 0.1 Toper Operating free air temperature range -40 to 125 °C |