データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER38 データシート(PDF) 22 Page - STMicroelectronics

部品番号 VIPER38
部品情報  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38 データシート(HTML) 22 Page - STMicroelectronics

Back Button VIPER38 Datasheet HTML 18Page - STMicroelectronics VIPER38 Datasheet HTML 19Page - STMicroelectronics VIPER38 Datasheet HTML 20Page - STMicroelectronics VIPER38 Datasheet HTML 21Page - STMicroelectronics VIPER38 Datasheet HTML 22Page - STMicroelectronics VIPER38 Datasheet HTML 23Page - STMicroelectronics VIPER38 Datasheet HTML 24Page - STMicroelectronics VIPER38 Datasheet HTML 25Page - STMicroelectronics VIPER38 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Operation
VIPER38
22/31
DocID025703 Rev 2
The CFB1 capacitor fixes the OLP delay and usually CFB1 results in a much higher value
than CFB. Equation 5 can be still used to calculate the OLP delay, but CFB1 has to be
considered instead of CFB. Using the compensation network shown in option 2, in all cases
the loop stability can be set as well as a sufficient OLP delay.
Figure 23. FB pin configuration (option 1)
Figure 24. FB pin configuration (option 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31