| データシートサーチシステム |
|
VIPER38LDTR データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER38LDTR データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 31 page ![]() Operation VIPER38 22/31 DocID025703 Rev 2 The CFB1 capacitor fixes the OLP delay and usually CFB1 results in a much higher value than CFB. Equation 5 can be still used to calculate the OLP delay, but CFB1 has to be considered instead of CFB. Using the compensation network shown in option 2, in all cases the loop stability can be set as well as a sufficient OLP delay. Figure 23. FB pin configuration (option 1) Figure 24. FB pin configuration (option 2) |