データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC2401 データシート(PDF) 1 Page - Holtek Semiconductor Inc

部品番号 BC2401
部品情報  315/433MHz Super-Regenerative OOK Rx IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC2401 データシート(HTML) 1 Page - Holtek Semiconductor Inc

  BC2401 Datasheet HTML 1Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 2Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 3Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 4Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 5Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 6Page - Holtek Semiconductor Inc BC2401 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 1.00
1
January 24, 2017
Rev. 1.00
PB
January 24, 2017
BC2401
315/433MHz Super-Regenerative OOK Rx IC
Features
• RF-intoData-outfullyintegratedfunction
• RFOOKdemodulation
• Singlevoltagesupplyoperationof4.5Vto5.5V
• Symbolrate5Ksps
• FrequencyBand:300MHz~450MHz
• Highsensitivity:-97dBm@
5V/5Ksps/0.1%BER/315,433.92MHz
• Operationcurrentconsumption3.5mA
• Integratedlownoiseamplifier
• Integratedsuperregenerativeoscillator
• Packagetype:8-pinSOP-EP
Applications
• Personalalarmsystems
• Keylessentrysystems
• Homeappliancecontrol
• Garagedoorcontrollers
• Home/office/carsecuritysystems
• Otherremotecontrolsystems
General Description
TheBC2401isasinglechipOOK(On-Offkeyed)RF
receiver.
ThedevicewillconvertthisRFinputintoadigital
outputsignal,makingitagenuineRF-intoData-
outintegrateddeviceandprovidinganeasytouse
solutionforUHFreceiverimplementation.With
fewexternalcomponentsandlow-currentpower
consumptionfeatures,itprovidesanidealsolution
forlowcostandpower-sensitiveapplications,such
asfoundintheautomotiveandconsumerapplication
area.Thedevicecontainsalow-noiseamplifier,a
regenerativecircuit,anintegratedquenchcircuit
andbasebanddata-recoverycircuitry.Thedevice
isavailableinan8-pinSOP-EPpackagetypeand
specifiedforanextendedtemperaturerangeof-40°C
to+85°C.
Block Diagram
LNA
VCO
Quench Signal
Generator
Digit
Demodulator
HIRC
RFIN
L1
L2
DOUT
VDDRF
VSSRF
VDD
VSS
GND


同様の部品番号 - BC2401

メーカー部品番号データシート部品情報
logo
Bolymin, Inc
BC2402A BOLYMIN-BC2402A Datasheet
329Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2402AI BOLYMIN-BC2402AI_17 Datasheet
164Kb / 1P
Multi-interface : I2C/SPI/RS232(USB optional)
BC2402A BOLYMIN-BC2402A_17 Datasheet
512Kb / 1P
COB with metal Frame
More results

同様の説明 - BC2401

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
AM-HRRN-XXX RFSOLUTIONS-AM-HRRN-XXX Datasheet
103Kb / 5P
AM SUPER REGENERATIVE RECEIVERS
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
logo
Silicon Laboratories
SI4312-B10-GMR SILABS-SI4312-B10-GMR Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Holtek Semiconductor In...
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
E-CMOS Corporation
ECF800 E-CMOS-ECF800 Datasheet
622Kb / 8P
315/433MHz OOK/ASK Receiver SOC for Home Automation
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Melexis Microelectronic...
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
315/433MHz Transmitter
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com