| データシートサーチシステム |
|
WM9705SEFT/V データシート(PDF) 45 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9705SEFT/V データシート(HTML) 45 Page - Wolfson Microelectronics plc |
|
45 / 55 page ![]() WM9705 Production Data w PD Rev 4.0 December 2003 45 Figure 22 Control of ADC Conversions : Polled Co-ordinate Method Note: The pressure measurement is the difference between the voltage values measured between the resistive plates in the screen. As two values have to be obtained before the calculation can take place, two data acquisition cycles are required as illustrated above. Screen Switch / ADC mux mode Different types of polled conversion with delay set to 0 (1 frame) POLL SYNC ADR=1 DELAY CONVERT ADC MODE X Write to 0x76 with 0xB800 SDOUT PENDATA Poll = 1, Coord = 0, ADR = 001 ( 0x76 = 0x9000 ) = X Measurement DELAY CONVERT ADR=2 DELAY CONVERT ADR=3(1)1 DELAY CONVERT ADR=3(2)1 X Measurement Y Measurement Pressure Measurement POLL ADR=1 DELAY CONVERT ADC MODE X Write to 0x76 with 0x9000 PENDATA X Measurement Coord = 1, ADR = 011 ( 0x76 = 0xB800 ) = X, Y and Pressure SDOUT POLL ADR=1 DELAY CONVERT ADC MODE X Write to 0x76 with 0xD800 SDOUT PENDATA DELAY CONVERT ADR=2 DELAY CONVERT ADR=5 X Measurement AUX Measurement Coord = 1, ADR = 101 ( 0x76 = 0xD800 ) = X, Y and AUX Y Measurement Screen Switch / ADC mux mode Screen Switch / ADC mux mode |