| データシートサーチシステム |
|
PLQP0048KB-B データシート(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PLQP0048KB-B データシート(HTML) 84 Page - Renesas Technology Corp |
|
84 / 177 page ![]() R01DS0261EJ0110 Rev.1.10 Page 84 of 177 Oct 30, 2015 RX230 Group, RX231 Group 4. I/O Registers Note 1. Odd addresses cannot be accessed in 16-bit units. Table 26.4 lists register allocation for 16-bit access in the User’s Manual: Hardware. Note 2. When the register is accessed while the USB is operating, a delay may be generated in accessing. 007F C1F0h FLASH Flash Status Register 0 FSTATR0 8 8 2 or 3 PCLKB 2 ICLK 007F C350h FLASHCON ST Unique ID Register 0 UIDR0 32 32 2 or 3 PCLKB 2 ICLK 007F C354h FLASHCON ST Unique ID Register 1 UIDR1 32 32 2 or 3 PCLKB 2 ICLK 007F C358h FLASHCON ST Unique ID Register 2 UIDR2 32 32 2 or 3 PCLKB 2 ICLK 007F C35Ch FLASHCON ST Unique ID Register 3 UIDR3 32 32 2 or 3 PCLKB 2 ICLK 007F FFB2h FLASH Flash P/E Mode Entry Register FENTRYR 16 16 2 or 3 PCLKB 2 ICLK Table 4.1 List of I/O Registers (Address Order) (42 / 42) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access Cycles ICLK PCLK ICLK <PCLK |