| データシートサーチシステム |
|
89C52 データシート(PDF) 4 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
89C52 データシート(HTML) 4 Page - Integrated Silicon Solution, Inc |
|
4 / 50 page ![]() IS89C52 4 Integrated Silicon Solution, Inc. — 1-800-379-4774 MC013-1C 11/21/98 ISSI® Figure 4. IS89C52 Block Diagram PCON SCON TMOD TCON T2CON TH0 TL0 TH1 TL1 TH2 TL2 RCAP2H RCAP2L SBUF IE IP INTERRUPT BLOCK SERIAL PORT BLOCK TIMER BLOCK P3 DRIVERS P3 LATCH PSW TIMING AND CONTROL OSCILLATOR XTAL2 XTAL1 P3.0-P3.7 P1 DRIVERS P1 LATCH DPTR BUFFER PC INCREMENTER PROGRAM COUNTER PROGRAM ADDRESS REGISTER P1.0-P1.7 P2.0-P2.7 P0.0-P0.7 PSEN ALE/PROG RST EA/VPP TMP2 ALU ACC STACK POINT B REGISTER Vcc GND RAM ADDR REGISTER P2 LATCH P0 LATCH P2 DRIVERS P0 DRIVERS ADDRESS DECODER & 256 BYTES RAM ADDRESS DECODER & 8K FLASH 3 LOCK BITS & 32 BYTES ENCRYPTION TMP1 |